PART |
Description |
Maker |
KIC9307AF-020 |
Digital Tuning System For Portable Audio Equipment,Provided With 5 Bands Of TV(VHF,UHF)/FM/SW/MW/LM(用于便携式音频设备的数字调谐系统(具TV(VHF,UHF)/FM/SW/MW/LM五波段调谐功能)) Digital Tuning System For Portable Audio Equipment,Provided With 5 Bands Of TV(VHF,UHF)/FM/SW/MW/LM(?ㄤ?渚挎?寮??棰??澶???板?璋??绯荤?锛????TV(VHF,UHF)/FM/SW/MW/LM浜?尝娈佃?璋???斤?)
|
KEC Holdings
|
MT6L61AE |
Transistor Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Application VHF-UHF Band Oscillator Application
|
TOSHIBA
|
2SC4245 E000921 |
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS From old datasheet system TV TUNER, UHF MIXER APPLICATIONS VHF~UHF BAND RF AMPLIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SK3475 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications VHF-and UHF-band Amplifier Applications
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
TUA2009XS TUA2009X |
VHF I / VHF II / UHF-Tuner IC From old datasheet system
|
Infineon
|
CXA1664 CXA1664M |
ALL BAND TV TUNER IC (VHF-CATV-UHF) 所有带电视调谐器集成电路(甚高频,有线电视,超高频 All Band TV Tuner IC (VHF-CATV-UHF)
|
Sony, Corp. SONY[Sony Corporation]
|
1SV250 0015 |
PIN Diode for VHF, UHF, AGC Applications Silicon Epitaxial Type From old datasheet system PIN Diode for VHF/ UHF/ AGC Applications
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
2SC4320 E000939 |
From old datasheet system VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS NPN EPITAXIAL PLANAR TYPE (VHF~ UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SC2952 |
The 2SC2592 is a High Frequency Transistor Designed for General Purpose VHF-UHF Amplifier Applications. UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39
|
Advanced Semiconductor, Inc. ASI
|
TA4000F |
VHF - UHF WIDE BAND AMPLIFIER VHF~UHF WIDE BAND AMPLIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
1N5472A 1N5466C TX-1N5469C TX-1N5468B TX-1N5446C 1 |
VHF-UHF BAND, 47 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 18 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 27 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 22 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 100 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 10 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 68 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 20 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 6.8 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 56 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 39 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 8.2 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 33 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7 VHF-UHF BAND, 12 pF, 30 V, SILICON, ABRUPT VARIABLE CAPACITANCE DIODE, DO-7
|
|
|